PART |
Description |
Maker |
ISL6537CR ISL6537CR-T ISL6537CRZ ISL6537CRZ-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SOIC 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
LM2575-5TV LM2575-15TV LM2575-12TV LM2575-3.3T LM2 |
Easy Switcher 1.0 A Step-Down Voltage Regulator(389.50 k) 轻松切换1.0降压稳压器(389.50十一 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
RCD Components, Inc. Motorola Inc
|
RS5RJ RS5RJ3329A-T1 RS5RJ5045B-T2 RS5RJ4036B-T2 RS |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:8; Connector Shell Size:22; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female POLYESTER CAPACITOR VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO8 VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 衡工量值式升压型DC / DC转换器稳压器和检测器
|
Ricoh Co., Ltd. http:// RICOH COMPANY LTD RICOH electronics devic...
|
LM2575T-15G LM2575D2T-5 LM2575T-12 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor Motorola Mobility Holdings, Inc.
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
MAX1644 MAX1644EAE |
2A, low-voltage, step-down regulator with synchronous rectification and intemal switches 2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
|
MAXIM - Dallas Semiconductor Maixm
|
IFX91041EJV50 IFX91041 IFX91041EJV IFX91041EJV33 |
1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
|
Infineon Technologies AG
|
IFX91041 |
1.8A DC/DC Step-Down Voltage Regulator 5.0V & 3.3V or Adjustable Output Voltage
|
Infineon Technologies AG
|
GM7130 |
3A Step-down Voltage Regulator
|
Gamma Microelectronics
|
CM2596SGSCN220 CM2596SGSCN263 CM2596SSCN220 CM2596 |
3A STEP DOWN VOLTAGE REGULATOR
|
Champion Microelectronic Corp.
|